PART |
Description |
Maker |
CYM1836V33P8-35C CYM1836V33P8-45C CYM1836V33PM-30C |
512K X 8 MULTI DEVICE SRAM MODULE, 35 ns, PSMA72 512K X 8 MULTI DEVICE SRAM MODULE, 45 ns, PSMA72 512K X 8 MULTI DEVICE SRAM MODULE, 30 ns, SMA64
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CYM8301BV33-10BGC CYM8301BV33-10BGI CYM8301BV33-12 |
512K X 24 MULTI DEVICE SRAM MODULE, 12 ns, PBGA119 14 X 22 MM, 2.40 MM HEIGHT, PLASTIC, BGA-119 512K X 24 MULTI DEVICE SRAM MODULE, 10 ns, PBGA119 14 X 22 MM, 2.40 MM HEIGHT, PLASTIC, BGA-119 null : SRAM Modules
|
Cypress Semiconductor, Corp.
|
MCM32128AZ15 |
512K X 8 MULTI DEVICE SRAM MODULE, 15 ns, ZMA64
|
MOTOROLA INC
|
AK632128G-35 AK632128G-25 AK632128G-20 |
512K X 8 MULTI DEVICE SRAM MODULE, 35 ns, SMA64 512K X 8 MULTI DEVICE SRAM MODULE, 25 ns, SMA64 512K X 8 MULTI DEVICE SRAM MODULE, 20 ns, SMA64
|
Black Box, Corp.
|
WS512K32-25G1UCA |
512K X 32 MULTI DEVICE SRAM MODULE, 25 ns, CQFP68
|
WHITE ELECTRONIC DESIGNS CORP
|
WS128K32-25G2ME WS128K32-45G2ME |
512K X 8 MULTI DEVICE SRAM MODULE, 25 ns, CQFP68 512K X 8 MULTI DEVICE SRAM MODULE, 45 ns, CQFP68
|
WHITE ELECTRONIC DESIGNS CORP
|
CYM1460PF-55C CYM1460PS-55C |
512K X 8 MULTI DEVICE SRAM MODULE, 55 ns, SMA36
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
PUMA68S16000XBI-012 PUMA68S16000XBI-015 PUMA68S160 |
512K X 32 MULTI DEVICE SRAM MODULE, 17 ns, PQMA68 512 K x 32 Static RAM
|
MOSAIC
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
AS8S128K32PN-17/XT AS8S128K32PN-25/XT AS8S128K32PN |
128K X 32 MULTI DEVICE SRAM MODULE, 17 ns, PGA66 PGA-66 128K X 32 MULTI DEVICE SRAM MODULE, 25 ns, PGA66 PGA-66 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, PGA66 PGA-66 128K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PGA66 PGA-66 128K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CQFP68 CERAMIC, QFP-68
|
Micross Components Austin Semiconductor, Inc
|
|